Electronic Components Datasheet Search
  English  ▼

X  

UM1634 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 8Page - STMicroelectronics UM1634 Datasheet HTML 9Page - STMicroelectronics UM1634 Datasheet HTML 10Page - STMicroelectronics UM1634 Datasheet HTML 11Page - STMicroelectronics UM1634 Datasheet HTML 12Page - STMicroelectronics UM1634 Datasheet HTML 13Page - STMicroelectronics UM1634 Datasheet HTML 14Page - STMicroelectronics UM1634 Datasheet HTML 15Page - STMicroelectronics UM1634 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
API specification
UM1634
12/43
DocID024601 Rev 3
3.6
Normal mode functions
3.6.1
FlashInit()
Description
The 'FlashInit()' API reads the Flash configuration information from the Flash control
registers and initialize parameters in SSD configuration structure. The user gets low block
number as sum of LAS and MAS blocks of bank0, mid block number as sum of LAS and
MAS blocks of bank1, high block number remains the same as the high blocks in bank0 or
bank1. Two HAS blocks (one each from Bank0 and Bank1 (size 256 KB each)) are
combined to form one logical HAS block (512 KB). Main array size is returned to the user as
sum of the size of the 2 banks. 'FlashInit()' must be called prior to any other flash operations
Prototype
UINT32 FlashInit (PSSD_CONFIG pSSDConfig);
Arguments
Return values
Comments
The 'FlashInit()' will check the C90FL_MCR_RWE and C90FL_MCR_EER bits, and clear
them when any of them is set.
Assumptions
The user must correctly initialize the fields including c90flRegBase, mainArrayBase,
shadowRowBase, shadowRowSize, pageSize and BDMEnable before passing the structure
to the FlashInit() functions.
Table 5. Arguments for FlashInit()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 3.3 for more details.
Table 6. Return values for FlashInit()
Return Values
Possible Causes
Solution
C90FL_OK
Successful completion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com