| Electronic Components Datasheet Search |
|
UM1634 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 43 page ![]() API specification UM1634 16/43 DocID024601 Rev 3 Return values Comments If the blank checking fails, the first failing address is saved to *pFailAddress, and the failing data in Flash is saved to *pFailData. The contents pointed by pFailAddress and pFailData are updated only when there is a non-blank location in the checked Flash range. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. size Size, in bytes, of the Flash region to check. If size = 0, the return value is C90FL_OK. It should be multiple of 8 and its combination with dest should fall in either main array or shadow row. pFailAddress Return the address of the first non-blank Flash location in the checking region. Only valid when this function returns C90FL_ERROR_NOT_BLANK. pFailData Return the content of the first non-blank Flash location in the checking region. Only valid when this function returns C90FL_ERROR_NOT_BLANK. CallBack Address of void callback function. Any addressable void function address. To disable it use NULL_CALLBACK macro. Table 13. Return values for BlankCheck() Return Values Possible Causes Solution C90FL_ERROR_ALIGNMENT The dest and size are not properly aligned. Check if dest and size are aligned on double word (64-bit) boundary. C90FL_ERROR_RANGE The area specified by dest and size is out of the valid C90FL array ranges. Check dest and dest+size. The area to be checked must be within main array space or shadow space. C90FL_ERROR_NOT_BLANK There is a non-blank double word within the area to be checked. Re-erase the relevant blocks and check again. C90FL_OK Successful completion. Table 12. Arguments for BlankCheck() Argument Description Range |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |