Electronic Components Datasheet Search
  English  ▼

X  

AN1009 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1009
Description  Negative undershoot NVRAM data corruption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1009 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1009 Datasheet HTML 1Page - STMicroelectronics AN1009 Datasheet HTML 2Page - STMicroelectronics AN1009 Datasheet HTML 3Page - STMicroelectronics AN1009 Datasheet HTML 4Page - STMicroelectronics AN1009 Datasheet HTML 5Page - STMicroelectronics AN1009 Datasheet HTML 6Page - STMicroelectronics AN1009 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Anatomy of a parasitic bipolar transistor
AN1009
1
Anatomy of a parasitic bipolar transistor
Figure 1: "Cross-section of an NPN parasitic bipolar transistor" shows the cross-section of
a CMOS gate, with one MOSFET formed directly in the N-type substrate, and the other in a
P-well. Under certain conditions, the P-well can start to behave as the base region of a
parasitic bipolar NPN transistor, with the N-type substrate as its collector region, and the
N+ diffusion contact of the MOSFET as its emitter region.
Figure 1: Cross-section of an NPN parasitic bipolar transistor
The P-well is held at ground, so the parasitic NPN transistor should never turn on. If,
though, a negative pulse is applied to the pad, and hence to the emitter of the parasitic
NPN transistor, the transistor would be put into its conducting mode. Once the pad is taken
to -Vbe, the parasitic bipolar transistor turns on, and pulls current from the substrate.
When the memory device is being powered by the external power source, the effect of this
extra parasitic current will be negligible, and will be compensated for by the external power
source. When the memory device is being powered from the internal battery, though, the
battery is unable to compensate for the extra current, and so the supply voltage will fall. As
soon as the supply voltage falls below a critical value, SRAM cells in the memory array will
cease to hold their stored data reliably.
The parasitic bipolar transistor starts to turn on when the pad is taken to about -0.6 V. In
battery mode, the impact on the substrate will start to be felt once the current drain through
the bipolar transistor is approximately -0.6 mA. The substrate will be pulled to
approximately 1.0 V once the current through the bipolar transistor reaches -1.5 mA. As the
magnitude of the negative current increases, it directly reduces the level of internal VCC (the
substrate voltage). A current drain of approximately -2.0 mA will bring internal VCC to
ground, thus leaving the SRAM array completely unpowered.
2/7
DocID006391 Rev 2
PAD
(NEGATIVE PULSE)
P+
N+
P+
N+
GATE
VCC
GROUNDED
P-WELL
N-SUBSTRATE
GATE
P+
N+
VSS
N+
SUBSTRATE
VCC
GROUNDED P-WELL
INTERNAL POWER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com