Electronic Components Datasheet Search
  English  ▼

X  

AN1009 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1009
Description  Negative undershoot NVRAM data corruption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1009 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1009 Datasheet HTML 1Page - STMicroelectronics AN1009 Datasheet HTML 2Page - STMicroelectronics AN1009 Datasheet HTML 3Page - STMicroelectronics AN1009 Datasheet HTML 4Page - STMicroelectronics AN1009 Datasheet HTML 5Page - STMicroelectronics AN1009 Datasheet HTML 6Page - STMicroelectronics AN1009 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN1009
Remedies
programmable power supply from a positive voltage to 0 volts without taking care to step
down the voltage can generate a negative undershoot pulse.
The fourth step is to protect each of the pins, mentioned in Table 1: "List of the pins on
devices that are affected by the problem", by its own individual Schottky diode. No pin
should exceed -0.3 V, and their collective reverse current should not be allowed to exceed
-1.0 mA, especially when the memory device is being battery-powered.
DocID006391 Rev 2
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com