Electronic Components Datasheet Search
  English  ▼

X  

AN1009 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1009
Description  Negative undershoot NVRAM data corruption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1009 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1009 Datasheet HTML 1Page - STMicroelectronics AN1009 Datasheet HTML 2Page - STMicroelectronics AN1009 Datasheet HTML 3Page - STMicroelectronics AN1009 Datasheet HTML 4Page - STMicroelectronics AN1009 Datasheet HTML 5Page - STMicroelectronics AN1009 Datasheet HTML 6Page - STMicroelectronics AN1009 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN1009
Anatomy of a parasitic bipolar transistor
Figure 2: Substrate VCC versus negative undershoots
Figure 2: "Substrate VCC versus negative undershoots" superimposes three pairs of curves:
three negative undershoot pulses of 100, 500 and 1000 ns duration; and the corresponding
effects that are felt by the VCC substrate voltage.
Thus, we see that the effect on the substrate voltage is proportional to the duration of the
negative undershoot pulse. It is also proportional to its magnitude (its amplitude). It is also
proportional to the number of pins that receive the negative undershoot pulse (the example,
above, is the effect of just one pin on the chip going negative).
DocID006391 Rev 2
3/7
Negative Undershoot
-1V
5
8
.
3
s
n
0
2
4
-
µs
-1.2 volts for 1
-1.2 volts for 500ns
-1.2 volts for 100ns
Substrate VCC
4V
not
trig'd
M
C1
500mV
400ns
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com