Electronic Components Datasheet Search
  English  ▼

X  

AN1009 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1009
Description  Negative undershoot NVRAM data corruption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1009 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1009 Datasheet HTML 1Page - STMicroelectronics AN1009 Datasheet HTML 2Page - STMicroelectronics AN1009 Datasheet HTML 3Page - STMicroelectronics AN1009 Datasheet HTML 4Page - STMicroelectronics AN1009 Datasheet HTML 5Page - STMicroelectronics AN1009 Datasheet HTML 6Page - STMicroelectronics AN1009 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Remedies
AN1009
2
Remedies
ST is continually making design and process modifications to improve the performance of
its products. Immunity to negative undershoot will be improved over time, but only where it
does not have a negative impact on other performance measures, such as operating
speed.
The application designer is, therefore, advised to take steps to avoid negative undershoot
pulse from being introduced. The first step is to improve the cleanliness of each of the
signals. Table 1: "List of the pins on devices that are affected by the problem"lists the pins
of ST’s NVRAMS that are affected (those that consist of an N+ diffusion in a P-well on an
N-type substrate).
Table 1: List of the pins on devices that are affected by the problem
Device
Substrate type
Pins connected to N+ diffusion
M40Z111
N-
13, 16
M40Z300
N-
4, 10, 13, 16, 20, 22, 23
M48Z02, M48Z12
N-
All
M48Z08, M48Z18
P-
None (not applicable)
M48Z58, M48Z58Y
N-
1, 11-13, 15-19, 26, 28
M48Z35, M48Z35Y
N-
All
M48T02, M48T12
N-
All
M48T08, M48T18
P-
(none) not applicable
M48T58, M48T58Y, M48T59, M48T559
N-
1, 11-13, 15-19, 26, 28
M48T35, M48T35Y, M48T35AV
N-
All
M48T37V, M48T37Y
N-
1, 4-10, 13, 15-20, 22-26, 30, 31, 33-39
All pins that are connected to N+ diffusion are susceptible to negative undershoot, but
special attention should be given to the VCC pin. This is connected to internal circuitry that
increases the pin’s sensitivity to negative undershoots, to the extent that pulses of greater
than -0.3 V may affect the substrate voltage.
The second step, therefore, is to clamp the power lines (VCC and VSS) with a Schottky
diode, to short out any attempt by them to go negative. Its effectiveness depends on its
speed of operation set against the speed and energy content of the negative-going pulse
(the current sink capability of the pulse). An off-the-shelf diode with a Vbe of approximately
0.32 V, and a current rating of 100 mA, will generally reduce the occurrence of the problem
to negligible proportions. However, the higher the current sink capability of the negative
pulse, the more likely an RF Schottky diode is required.
The Schottky diode should be placed as close to the device pin as possible.
VCC can be subject to mechanical noise, the switching of VCC on and off, and to negative
spikes coming from the power supply during initial power up. The third step, then, is to
clean up the power supply, particularly its behavior at power-on and power-off, where the
memory device is expected to continue to power itself from its internal battery. Particular
care should be taken when working with programmable power supplies. Forcing a
4/7
DocID006391 Rev 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com