Electronic Components Datasheet Search
  English  ▼

X  

AN3407 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 2Page - STMicroelectronics AN3407 Datasheet HTML 3Page - STMicroelectronics AN3407 Datasheet HTML 4Page - STMicroelectronics AN3407 Datasheet HTML 5Page - STMicroelectronics AN3407 Datasheet HTML 6Page - STMicroelectronics AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics AN3407 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Main characteristics and circuit description
AN3407
6/25
Doc ID 018857 Rev 1
The divider R6, R9, R14 and R16 provides to the L6585DE multiplier the information of the
instantaneous mains voltage that is used to modulate the peak current of the boost. In
Figure 3 the characteristic curves of the multiplier are given. The resistors R1, R3, R7 with
R11 and C31 are dedicated to sense the output voltage and feed to the L6585DE the
feedback information necessary to maintain the output voltage regulated. The components
C7, R13 and C8 constitute the error amplifier compensation network necessary to keep the
required loop stability.
The resistors R2, R4, R5 with R8 are dedicated to detecting two different overvoltage
protections: dynamic overvoltage usually due to fast load transition, and static overvoltage
due to an excessive input voltage. The PFC boost peak current is sensed by resistors R23 in
series to the MOSFET source. The signal is fed into pin#12 (PFCS) of the L6585DE. The
protection is not latched, once the PFCCS falls below 1.7 V, the PFC driver restarts.
Figure 3.
Multiplier
2.3
Resonant power section
The resonant converter half-bridge topology works in ZVS. The resonant transformer T2,
manufactured by YuJing, uses the integrated magnetic approach. The leakage inductance is
used for resonant operation of the circuit. The T2 doesn't need an external coil for the
resonance. The T2 secondary winding configuration is the typical center tap, using a couple
of type D5 and D7 power Schottky rectifiers. The output capacitors are film type C15 and
C16 (4.7 µF/63 V). L2 and C17 filters have been added on the output, in order to filter the
high-frequency ripple.
The half-bridge driver oscillation is regulated by a current-controlled oscillator. It needs a
capacitor connected to pin#1 (OSC) of the L6585DE and uses the current flowing outside
pin#2 (RF) of the L6585DE as reference. Pin#2 (RF) of the L6585DE has a 2 V precise
voltage reference that lets the designer fix the run mode frequency simply by connecting a
resistor R17 between pin#2 (RF) of the L6585DE and GND. Each curve is related to a value
of the C13 capacitor and is depicted in Figure 4. Pin#3 (EOI) of the L6585DE is driven by
the internal logic in order to set the frequency during the startup.
Pin#4 (Tch) of the L6585DE is connected to the parallel of a resistor R18 and C11 and is
used to define the protection time. Pin#6 (EOL) of the L6585DE is the input of an internal
window comparator that can be triggered by a voltage variation due to a rectifying effect.
The reference of this comparator and the amplitude of the window can be set by connecting
a suitable resistor to pin#5 (EOLP) of the L6585DE. The reference of this comparator can be
set at a fixed voltage or at the same voltage as pin#7 (CTR) of the L6585DE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com