Electronic Components Datasheet Search
  English  ▼

X  

AN3407 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3407 Datasheet HTML 1Page - STMicroelectronics AN3407 Datasheet HTML 2Page - STMicroelectronics AN3407 Datasheet HTML 3Page - STMicroelectronics AN3407 Datasheet HTML 4Page - STMicroelectronics AN3407 Datasheet HTML 5Page - STMicroelectronics AN3407 Datasheet HTML 6Page - STMicroelectronics AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
August 2011
Doc ID 018857 Rev 1
1/25
AN3407
Application note
Resonant driver for LED SMPS demonstration board
based on the L6585DE
Introduction
This application note describes the performance of a 100 W LED switched-mode power
supply (SMPS). The L6585DE embeds a high-performance transition mode (TM) power
factor correction (PFC) controller, half-bridge (HB) controller and all the relevant drivers
necessary to build a combo IC. The L6585DE embeds a wide range of features to provide
an energy-saving and cost-effective solution for the LED SMPS demonstration board
(STEVAL-ILL038V1).
Previous dedicated ICs for LED SMPS applications allowed designers to achieve good
driver efficiency. The PFC section has superior performance in terms of harmonic content
mitigation. High power factor (PF) and total harmonic distortion (THD) reduction are
obtained as required by international norms, especially concerning universal input voltage
operations. The TM PFC operation and high-efficiency performance of the half-bridge
topology provide very good overall circuit efficiency.
Film capacitors are one of the most popular types of discrete components. They generally
offer excellent electrical properties and are advantageous in high current and high
temperature conditions. For these reasons, film capacitors are used in LED SMPS
applications. In order to guarantee maintenance-free operation required by these types of
applications during the useful lifetime of the LED, electrolytic capacitors have been replaced
by film capacitors in the STEVAL-ILL038V1 board.
Other features, such as half-bridge overcurrent with frequency increase and PFC
overvoltage, allow designers to build a reliable, flexible solution with a reduced component
count.
Figure 1.
STEVAL-ILL038V1 demonstration board
www.st.com


Similar Part No. - AN3407

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
logo
STMicroelectronics
AN3400 STMICROELECTRONICS-AN3400 Datasheet
4Mb / 78P
Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
28-Nov-2011
logo
Panasonic Semiconductor
AN34001A PANASONIC-AN34001A Datasheet
233Kb / 7P
Nine-Output Linear Voltage Regulator
logo
STMicroelectronics
AN3401 STMICROELECTRONICS-AN3401 Datasheet
1Mb / 18P
The SPV1001 and SPV1002 are system-in-package solutions
05-Dec-2011
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
Low power considerations for STM8TL5xxx devices
10-Sep-2012
More results

Similar Description - AN3407

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
DB62 APEX-DB62 Datasheet
540Kb / 6P
DEMONSTRATION BOARD FOR SA305EX
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
Resonant-Switching Driver Controller for LED Lighting
logo
STMicroelectronics
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
logo
Texas Instruments
TPS92023 TI-TPS92023 Datasheet
1Mb / 23P
Resonant-Switching Driver Controller for LED Lighting
logo
STMicroelectronics
L6565 STMICROELECTRONICS-L6565 Datasheet
255Kb / 17P
QUASI-RESONANT SMPS CONTROLLER
Jan-2003
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
UM0727 STMICROELECTRONICS-UM0727 Datasheet
1,015Kb / 18P
STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
18-May-2010
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
RGB LED Driver Demonstration Board
07/14/15
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com