Electronic Components Datasheet Search
  English  ▼

X  

AN3407 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3407 Datasheet HTML 1Page - STMicroelectronics AN3407 Datasheet HTML 2Page - STMicroelectronics AN3407 Datasheet HTML 3Page - STMicroelectronics AN3407 Datasheet HTML 4Page - STMicroelectronics AN3407 Datasheet HTML 5Page - STMicroelectronics AN3407 Datasheet HTML 6Page - STMicroelectronics AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
L6585DE combo IC
AN3407
4/25
Doc ID 018857 Rev 1
1
L6585DE combo IC
The L6585DE embeds both a PFC converter and a half-bridge resonant in a single SO20
package.
●
Transition mode PFC converter with overvoltage and overcurrent protection
●
Half-bridge controller with high-voltage driver (600 Vdc) and integrated bootstrap diode
●
3% precise, fully programmable oscillator
●
Overcurrent protection
●
Hard-switching detection
Figure 2.
Application example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com