Electronic Components Datasheet Search
  English  ▼

X  

AN3407 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3407 Datasheet HTML 1Page - STMicroelectronics AN3407 Datasheet HTML 2Page - STMicroelectronics AN3407 Datasheet HTML 3Page - STMicroelectronics AN3407 Datasheet HTML 4Page - STMicroelectronics AN3407 Datasheet HTML 5Page - STMicroelectronics AN3407 Datasheet HTML 6Page - STMicroelectronics AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AN3407
List of figures
Doc ID 018857 Rev 1
3/25
List of figures
Figure 1.
STEVAL-ILL038V1 demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Application example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 3.
Multiplier . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Half-bridge protection thresholds during run mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 7.
STEVAL-ILL038V1 demonstration board: efficiency vs. load . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
STEVAL-ILL038V1 demonstration board: full-load efficiency vs. VAC . . . . . . . . . . . . . . . . 10
Figure 9.
STEVAL-ILL038V1 demonstration board: power factor vs. load . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
EN61000-3-2 Class-D standard - 185 VAC/50 Hz, THD=4.86%, PF=0.993 at full load . . . 11
Figure 11.
EN61000-3-2 Class-D standard - 230 VAC/50 Hz, THD=5.98%, PF=0.980 at full load . . . 11
Figure 12.
Input current waveforms - full load at 115 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Input current waveforms - full load at 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 14.
PFC stage waveforms at 115 VAC - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
PFC stage waveforms at 230 VAC - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 16.
PFC stage waveforms at 115 VAC - full load - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 17.
PFC stage waveforms at 230 VAC - full load - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 18.
Primary side LLC waveforms at
115 VAC - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 19.
Secondary side LLC waveforms at 230 VAC - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 20.
High-frequency ripple on output voltage at 115 VAC - 60 Hz - full load . . . . . . . . . . . . . . . 15
Figure 21.
Low-frequency ripple on output voltage at 115 VAC - 60 Hz - full load . . . . . . . . . . . . . . . 15
Figure 22.
Wake-up at 115 VAC - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 23.
Wake-up at 230 VAC - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 24.
PCB: topside and through-hole components . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 25.
PCB: bottomside and SMD components . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
PCB: topside placement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 27.
PCB: bottomside placement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 28.
EMI: OTC21V-4S vertical type EMI choke . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 29.
PFC: QP2520V-vertical type for PFC choke. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 30.
Transformer: LP2920H - horizontal type for LLC transformer. . . . . . . . . . . . . . . . . . . . . . . 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com