Electronic Components Datasheet Search
  English  ▼

X  

AN3959 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 52Page - STMicroelectronics AN3959 Datasheet HTML 53Page - STMicroelectronics AN3959 Datasheet HTML 54Page - STMicroelectronics AN3959 Datasheet HTML 55Page - STMicroelectronics AN3959 Datasheet HTML 56Page - STMicroelectronics AN3959 Datasheet HTML 57Page - STMicroelectronics AN3959 Datasheet HTML 58Page - STMicroelectronics AN3959 Datasheet HTML 59Page - STMicroelectronics AN3959 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Examples of code (TV SoC)
AN3959
56/65
Doc ID 022081 Rev 3
*/
void STA381BWX_Powerdownonoff(unsigned char FFX_Powerflag){
I2Cm_Rx(&I2C_buf1,FFX_CONFIGURE_F,1,FFX_I2C_ADDR);
I2C_buf1&=0xBF;
I2C_buf1+=((FFX_Powerflag)<<6);
I2Cm_Tx(&I2C_buf1,FFX_CONFIGURE_F,1,FFX_I2C_ADDR);
}
/*
Set Crossover
FFX_CrossOver value have define as constant value
*/
void STA381BWX_CrossOver(unsigned char FFX_CrossOverValue){
I2Cm_Rx(&I2C_buf1,FFX_AUTO2,1,FFX_I2C_ADDR);
I2C_buf1&=0x0F;
I2C_buf1+=(FFX_CrossOverValue<<4);
I2Cm_Tx(&I2C_buf1,FFX_AUTO2,1,FFX_I2C_ADDR);
}
/* the volume system consist of main volume and channel volume, the
main volume is responsible for the overall system control, it's
range from -127.5dB to 0dB, every step as 0.5dB,
Mastervolume=|dbrequest*2|;
0=0dB
0*2
255=-127.5dB
127.5*2
*/
void STA381BWX_SetMasterVolume(unsigned char MasterVolume)
{
I2C_buf1=MasterVolume;
I2Cm_Tx(&I2C_buf1,FFX_MAIN_VOLUME,1,FFX_I2C_ADDR);
return;
}
void STA381BWX_SetMasterMute(unsigned char Mute)
{
unsigned char Tempdata1,Tempdata2,Tempdata3,Tempdata;
if(Mute==0)
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com