Electronic Components Datasheet Search
  English  ▼

X  

AN3959 Datasheet(PDF) 57 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 53Page - STMicroelectronics AN3959 Datasheet HTML 54Page - STMicroelectronics AN3959 Datasheet HTML 55Page - STMicroelectronics AN3959 Datasheet HTML 56Page - STMicroelectronics AN3959 Datasheet HTML 57Page - STMicroelectronics AN3959 Datasheet HTML 58Page - STMicroelectronics AN3959 Datasheet HTML 59Page - STMicroelectronics AN3959 Datasheet HTML 60Page - STMicroelectronics AN3959 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
AN3959
Examples of code (TV SoC)
Doc ID 022081 Rev 3
57/65
I2Cm_Rx(&I2C_buf1,FFX_MAIN_VOLUME,1,FFX_I2C_ADDR);
MUTEVolSave = I2C_buf1; // Save the current Gain
I2C_buf1=0xFE;
I2Cm_Tx(&I2C_buf1,FFX_MAIN_VOLUME,1,FFX_I2C_ADDR);
Wait(10);//10-20ms delay
}
else
{
I2Cm_Tx(&MUTEVolSave,FFX_MAIN_VOLUME,1,FFX_I2C_ADDR);
Wait(10);//10-20ms delay
}
return;
}
/*the channel volume is responsible for the each channel volume
control, it's range from -79.5dB to 48dB, every step as 0.5dB,
channelvolume=255-((dbrequest+79.5)*2);
0=48dB
(255-(48+79.5)*2)
255=-79.5dB
(255-(-79.5+79.5)*2)
0x60=0dB
(255-(0+79.5)*2)
*/
void STA381BWX_SetLeftVolume(unsigned char LeftVolume)
{
I2C_buf1 =LeftVolume;
I2Cm_Tx(&I2C_buf1,FFX_CHANNEL1_VOL,1,FFX_I2C_ADDR);
return;
}
void STA381BWX_SetRightVolume(unsigned char RightVolume)
{
I2C_buf1 =RightVolume;
I2Cm_Tx(&I2C_buf1,FFX_CHANNEL2_VOL,1,FFX_I2C_ADDR);
return;
}
void STA381BWX_SetSubWooferVolume(unsigned char SubWooferVolume)
{
I2C_buf1 =SubWooferVolume;
I2Cm_Tx(&I2C_buf1,FFX_CHANNEL3_VOL,1,FFX_I2C_ADDR);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com