Electronic Components Datasheet Search
  English  ▼

X  

AN3959 Datasheet(PDF) 63 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 57Page - STMicroelectronics AN3959 Datasheet HTML 58Page - STMicroelectronics AN3959 Datasheet HTML 59Page - STMicroelectronics AN3959 Datasheet HTML 60Page - STMicroelectronics AN3959 Datasheet HTML 61Page - STMicroelectronics AN3959 Datasheet HTML 62Page - STMicroelectronics AN3959 Datasheet HTML 63Page - STMicroelectronics AN3959 Datasheet HTML 64Page - STMicroelectronics AN3959 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Appendix A
Mono BTL schematic
Figure 54.
Mono BTL schematic
Line in
Line out
OUTPUT FILTER
STA381BWS
C56
NS
100nF
2.0CH & 2.1CH
MONO BTL
CONFIGURATION
NOTE:
*
R1
0 ohm
R3
0 ohm
C11
100nF
C1
100nF
C3 2u2/10V
C5
100nF
C30
1uF/10V
C31
1uF/10V
R6
11K
R7
11K
R8
27K
R9
27K
C8
1uF/10V
C9 1uF/10V
C4
1nF
C29
100nF
C428
470U/35V
R36
0ohm
R37
470R
R38
470R
1 VCC_REG
2 VSS_REG
3 OUT2B
4 GND2
5 VCC2
6 OUT2A
7 OUT1B
8 VCC1
9
GND1
10 OUT1A
11 VDD_REG
12 GND_REG
25
GNDPSUB
26
CPP
27
VDD3V3CHP
28
VDDDIG1
29
GNDDIG1
30
FFX3A
31
FFX3B
32
FFX4A
33
FFX4B
34
VREGFILT
35
AGNDPLL
36
MCLK
IC1
STA381BWS
J15
J16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
IC3
STA381BWS_NEW
1
2
3
J19
HPJCKX3.5-06
C32
100nF
C36
100nF
R10
6R2
R11
6R2
C37
100nF
C38
100nF
L3
SWPA6045S220MT
L1
SWPA6045S220MT
C51 10uF/10V
C52 10uF/10V
1
2
3
J2
HPJCKX3.5-06
1
2
3
SW2
1
2
3
SW3
R35
47R
R44
47R
1
2
3
4
J7
HEADER2X2
J14
J18
1
2
J9
MCLK
BICKI
LRCKI
+3V3
OUT-
OUT+
+VS
FFX4B
FFX4A
FFX3B
FFX3A
+3V3
F3XR
F3XL
RESET
OUT+
OUT-
Note 1:
The output filter for the line/HP output
path is optional (not required for the STA381BW/S).
If the 2x 47 ohm resistors (R35 and R44) are
bypassed through J14 and J18, the 2x 100 nF
capacitors (C54 and C55) must also be removed.
Note 2:
C56 is not soldered when the STA381BW/S
is configured in 2.0 or 2.1 channels; C56 is 100 nF
when the STA381BW/S is configured in mono BTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com