Electronic Components Datasheet Search
  English  ▼

X  

AN3959 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 32Page - STMicroelectronics AN3959 Datasheet HTML 33Page - STMicroelectronics AN3959 Datasheet HTML 34Page - STMicroelectronics AN3959 Datasheet HTML 35Page - STMicroelectronics AN3959 Datasheet HTML 36Page - STMicroelectronics AN3959 Datasheet HTML 37Page - STMicroelectronics AN3959 Datasheet HTML 38Page - STMicroelectronics AN3959 Datasheet HTML 39Page - STMicroelectronics AN3959 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Design guidelines for schematic and PCB layout
AN3959
36/65
Doc ID 022081 Rev 3
Figure 41.
Coils separated in order to avoid crosstalk
Figure 42.
VCC filter for high frequency
Placing the VCC filter capacitors close to the pins avoids an inductive coil generated by the
copper wire, because the system is working in PWM with fast switching (the frequency is
384 kHz with fs = 48 kHz) so the longer copper wire easily becomes an inductor. To improve
this we suggest using the ceramic capacitor to balance the reactance. It's mandatory to put
the ceramic capacitor as close as possible to the related pins. The distance between the
capacitor to the related pins is recommended to be within 5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com