Electronic Components Datasheet Search
  English  ▼

X  

AN4173 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4173 Datasheet HTML 12Page - STMicroelectronics AN4173 Datasheet HTML 13Page - STMicroelectronics AN4173 Datasheet HTML 14Page - STMicroelectronics AN4173 Datasheet HTML 15Page - STMicroelectronics AN4173 Datasheet HTML 16Page - STMicroelectronics AN4173 Datasheet HTML 17Page - STMicroelectronics AN4173 Datasheet HTML 18Page - STMicroelectronics AN4173 Datasheet HTML 19Page - STMicroelectronics AN4173 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application code structure
AN4173
16/22
Doc ID 023727 Rev 3
RL = 0.500μs / (8.5 x (CS+CP2+CP1)) = 8.4 KΩ
Note:
Considering the available resistance it has been chosen 8.2 K
Ω with a 10% of tollerance.
Suggested parameters for the ADC acquisition as follows:
●
ADC frequency = 20 MHz
●
TCK = 0.05 µs
●
INPSAMP = 11
●
INPCMP = 1
●
INPLATCH = 0
●
ndelay = 1
This theoretically implies:
●
tSAMPLE = (INPSAMP - ndelay) x TCK = 0.5 µs
●
tEVAL =10x (INPCMP x TCK) = 0.5 µs
●
tCONV =tSAMPLE +tEVAL + (ndelay x TCK) = 1.05 µs
Choosing as sampling rate for ADC acquisition, a value 10 times greater than the signal
frequency:
Sampling time = 1/(10 x 10 kHz) = 1/100kHz = 10 µs
Figure 7 shows the FFT for the sinusoidal signal acquired by the ADC:
Figure 7.
Fast Fourier Transform of the acquired sinusoidal signal at 10 kHz
GAPGRI00269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com