Electronic Components Datasheet Search
  English  ▼

X  

AN4173 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4173 Datasheet HTML 14Page - STMicroelectronics AN4173 Datasheet HTML 15Page - STMicroelectronics AN4173 Datasheet HTML 16Page - STMicroelectronics AN4173 Datasheet HTML 17Page - STMicroelectronics AN4173 Datasheet HTML 18Page - STMicroelectronics AN4173 Datasheet HTML 19Page - STMicroelectronics AN4173 Datasheet HTML 20Page - STMicroelectronics AN4173 Datasheet HTML 21Page - STMicroelectronics AN4173 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN4173
Application code structure
Doc ID 023727 Rev 3
19/22
3.5
Conclusions
There are four possible ways to optimise input signal acquisition:
1.
Minimise the total source impedance. This means choosing sensors with low output
impedance (not always easy for some types of sensor) and minimising the serial
resistance of any protection devices between the analog source and the input pin
(while still providing a voltage protection level compatible with the circuit specification).
2.
Match the sample time to the analog source impedance. Using the formulas that relate
the sample time to the source internal resistance to match the source resistance to one
of the available sample times.
3.
Match the sample time to the analog filter cut-off frequency, to remove high
frequencies: the microcontroller sampling time (ADC silicon configuration) must be 5 to
10 times shorter than the period of the cut-off frequency of the low-pass filter on ADC
input signal.
4.
Reduce noise at the input pin. Add an external RC filter (with attention to the source
internal resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com