Electronic Components Datasheet Search
  English  ▼

X  

IRHM9230 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM9230
Description  TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9230 Datasheet(HTML) 3 Page - International Rectifier

  IRHM9230 Datasheet HTML 1Page - International Rectifier IRHM9230 Datasheet HTML 2Page - International Rectifier IRHM9230 Datasheet HTML 3Page - International Rectifier IRHM9230 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IRHM9230
Parameter
100K Rads (Si)
Units
Test Conditions
Š
min.
max.
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
VGS = 0V, ID = -1.0 mA
VGS(th)
Gate Threshold Voltage
„
-2.0
-4.0
VGS = VDS, ID = -1.0 mA
IGSS
Gate-to-Source Leakage Forward
—
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
100
VGS = 20V
IDSS
Zero Gate Voltage Drain Current
—
-25
µA
VDS = 0.8 x Max Rating, VGS = 0V
RDS(on)1
Static Drain-to-Source
„
—
0.8
Ω
VGS = -12V, ID = -4.1A
On-State Resistance One
VSD
Diode Forward Voltage
„
—
-5.0
V
TC = 25°C, IS = -6.5A,VGS = 0V
International Rectifier Radiation Hardened HEXFETs
are tested to verify their hardness capability. The
hardness assurance program at International Rectifier
uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test method
1019. International Rectifier has imposed a standard
gate voltage of -12 volts per note 6 and a VDSS bias
condition equal to 80% of the device rated voltage per
note 7. Pre- and post-radiation limits of the devices
irradiated to 1 x 105 Rads (Si) are identical and are
presented in Table 1. The values in Table 1 will be met
for either of the two low dose rate test circuits that are
used.
Radiation Performance of P-Channel Rad
Hard HEXFETs
Both pre- and post-radiation performance are tested
and specified using the same drive circuitry and test
conditions in order to provide a direct comparison. It
should be noted that at a radiation level of 1 x 105
Rads (Si), no change in limits are specified in DC
parameters.
High dose rate testing may be done on a special
request basis, using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened P-Channel
HEXFETs are considered to be neutron-tolerant, as stated
in MIL-PRF-19500 Group D. International Rectifier P-
Channel radiation hardened HEXFETs have been
characterized in heavy ion Single Event Effects
environment and the results are shown in Table
3.
IRHM9230 Device
Radiation Characteristics
Table 2. High Dose Rate
ˆ
1011 Rads (Si)/sec1012 Rads (Si)/sec
Parameter
Min. Typ Max. Min.Typ. Max. Units
Test Conditions
VDSS
Drain-to-Source Voltage
—
—
-160
—
—
-160
V
Applied drain-to-source voltage
during gamma-dot
IPP
—
-100
—
—
-100
—
A
Peak radiation induced photo-current
di/dt
—
-800
—
—
-160
—
A/µsec Rate of rise of photo-current
L1
1
—
—
20
—
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects
‰
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typ.
Units
Ion
(MeV/mg/cm2)
(ions/cm2)(
µm)
(V)
(V)
BVDSS
-200
V
Ni
28
1 x 105
~41
-200
5
V
nA
Table 1. Low Dose Rate
†‡
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com