Electronic Components Datasheet Search
  English  ▼

X  

IRHM9230 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM9230
Description  TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9230 Datasheet(HTML) 2 Page - International Rectifier

  IRHM9230 Datasheet HTML 1Page - International Rectifier IRHM9230 Datasheet HTML 2Page - International Rectifier IRHM9230 Datasheet HTML 3Page - International Rectifier IRHM9230 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
—
V
VGS = 0V, ID = -1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
-0.10
—
V/°C
Reference to 25°C, ID = -1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
—
—
0.8
VGS = -12V, ID = -4.1A
On-State Resistance
—
—
0.92
Ω
VGS = -12V, ID = -6.5A
VGS(th)
Gate Threshold Voltage
-2.0
—
-4.0
V
VDS = VGS, ID = -1.0 mA
gfs
Forward Transconductance
2.2
—
—
S (
)
VDS > -15V, IDS = -6.5A„
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS = 0.8 x Max. Rating,VGS = 0V
—
—
-250
VDS = 0.8 x Max. Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
—
100
VGS = 20V
Qg
Total Gate Charge
—
—
35
VGS = -12V, ID = -6.5A
Qgs
Gate-to-Source Charge
—
—
10
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
—
—
25
td(on)
Turn-On Delay Time
—
—
50
VDD = -100V, ID = -6.5A, RG = 2.35Ω
tr
Rise Time
—
—
90
td(off)
Turn-Off Delay Time
—
—
90
tf
Fall Time
—
—
90
LD
Internal Drain Inductance
—
5.0
—
LS
Internal Source Inductance
—
15
—
Ciss
Input Capacitance
—
1100
—
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
310
—
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
—
55
—
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current
—
—
-6.5
Modified MOSFET symbol
(Body Diode)
showing the integral Reverse
ISM
Pulse Source Current
—
—
-26
p-n junction rectifier.
(Body Diode) Œ
VSD
Diode Forward Voltage
—
—
-5.0
V
Tj = 25°C, IS = -6.5A, VGS = 0V „
trr
Reverse Recovery Time
—
—
400
ns
Tj = 25°C, IF = -6.5A, di/dt ≤ -100 A/µs
QRR
Reverse Recovery Charge
—
—
3.0
µCVDD ≤ -50V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible.Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
RthJC
Junction-to-Case
—
—
1.67
RthJA
Junction-to-Ambient
—
30
—
IRHM9230 Device
Pre-Radiation
„
µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
Parameter
Min. Typ. Max. Units
Test Conditions
K/W
…
Notes: See page 4
A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com