Electronic Components Datasheet Search
  English  ▼

X  

IRHM9230 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM9230
Description  TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9230 Datasheet(HTML) 1 Page - International Rectifier

  IRHM9230 Datasheet HTML 1Page - International Rectifier IRHM9230 Datasheet HTML 2Page - International Rectifier IRHM9230 Datasheet HTML 3Page - International Rectifier IRHM9230 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHM9230
-200V
0.8
Ω
-6.5A
Features:
s Radiation Hardened up to 1 x 105 Rads (Si)
s Single Event Burnout (SEB) Hardened
s Single Event Gate Rupture (SEGR) Hardened
s Gamma Dot (Flash X-Ray) Hardened
s Neutron Tolerant
s Identical Pre- and Post-Electrical Test Conditions
s Repetitive Avalanche Rating
s Dynamic dv/dt Rating
s Simple Drive Requirements
s Ease of Paralleling
s Hermetically Sealed
s Ceramic Eyelets
s Electrically Isolated
Provisional Data Sheet No. PD-9.1395
Pre-Radiation
Notes: See page 4
-200 Volt, 0.8
Ω
Ω
Ω
Ω
Ω, RAD HARD HEXFET
International Rectifier’s P-Channel RAD HARD technology
HEXFETs demonstrate excellent threshold voltage stability
and breakdown voltage stability at total radiation doses as
high as 105 Rads (Si). Under identical pre- and post-radia-
tion test conditions, International Rectifier’s P-Channel RAD
HARD HEXFETs retain identical electrical specifications
up to 1 x 105 Rads (Si) total dose. No compensation in gate
drive circuitry is required. These devices are also capable
of surviving transient ionization pulses as high as 1 x 1012
Rads (Si)/Sec, and return to normal operation within a few
microseconds. Single Event Effect (SEE) testing of Inter-
national Rectifier P-Channel RAD HARD HEXFETs has
demonstrated virtual immunity to SEE failure. Since the
P-Channel RAD HARD process utilizes International
Rectifier’s patented HEXFET technology, the user can ex-
pect the highest quality and reliability in the industry.
P-Channel RAD HARD HEXFET transistors also feature all
of the well-established advantages of MOSFETs, such as
voltage control,very fast switching, ease of paralleling and
temperature stability of the electrical parameters.
They are well-suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high-energy pulse circuits in space and weap-
ons environments.
oC
A
Absolute Maximum Ratings
Parameter
IRHM9230
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-6.5
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-4.1
IDM
Pulsed Drain Current

-26
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.2
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
330
mJ
IAR
Avalanche Current

-6.5
A
EAR
Repetitive Avalanche Energy
‚
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
-5.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1 .6mm) from case for 10s)
Weight
9.3 (typical)
g
IRHM9230
P-CHANNEL
RAD HARD
REPETETIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHM9230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9230 IRF-IRHM9230 Datasheet
108Kb / 4P
Simple Drive Requirements
IRHM9230 IRF-IRHM9230_15 Datasheet
108Kb / 4P
Simple Drive Requirements
More results

Similar Description - IRHM9230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRH9230 IRF-IRH9230 Datasheet
154Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRH9250 IRF-IRH9250 Datasheet
163Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.315ohm, Id=-14A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHN7230 IRF-IRHN7230 Datasheet
513Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRHN7250 IRF-IRHN7250 Datasheet
587Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.10ohm, Id=26A)
IRHN9230 IRF-IRHN9230 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
JANTX2N6849 IRF-JANTX2N6849 Datasheet
133Kb / 7P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com