Electronic Components Datasheet Search
  English  ▼

X  

IRHM9230 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHM9230
Description  TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9230 Datasheet(HTML) 4 Page - International Rectifier

  IRHM9230 Datasheet HTML 1Page - International Rectifier IRHM9230 Datasheet HTML 2Page - International Rectifier IRHM9230 Datasheet HTML 3Page - International Rectifier IRHM9230 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IRHM9230 Device
Radiation Characteristics
Case Outline and Dimensions
Packages containing beryllia shall not be ground, sandblasted,
machined, or have other operations performed on them which
will produce beryllia or beryllium dust. Furthermore, beryllium oxide
packages shall not be placed in acids that will produce fumes
containing beryllium.
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
Refer to current HEXFET reliability report.
‚ @ VDD = -50V, Starting TJ = 25°C,
EAS = [0.5 * L * (I
L
2) * [BVDSS/(BVDSS-VDD)]
Peak IL = -6.5A, VGS = -12V, 25 ≤ RG ≤ 200 Ω
ƒ
ISD ≤ -6.5A, di/dt ≤ -140 A/µs,
VDD ≤ BVDSS, TJ ≤ 150°C
Suggested RG = 2.35Ω
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
… K/W = °C/W
W/K = W/°C
† Total Dose Irradiation with VGS Bias.
-12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019.
‡ Total Dose Irradiation with VDS Bias.
VDS = 0.8 rated BVDSS (pre-radiation)
applied and VGS = 0 during irradiation per
MlL-STD-750, method 1019.
ˆThis test is performed using a flash x-ray
source operated in the e-beam mode (energy
~2.5 MeV), 30 nsec pulse.
‰ Process characterized by independent laboratory.
Š All Pre-Radiation and Post-Radiation test
conditions are identical to facilitate direct
comparison for circuit applications.
NOTES:
1 DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M-1982
2 ALL DIMENSIONS ARE SHOWN IN
MILLIMETERS (INCHES)
3 LEADFORM IS AVAILABLE IN EITHER
ORIENTATION:
Example: 3.1 IRHM7160D
3.2 IRHM7160U
LEGEND
1 DRAIN
2 SOURCE
3 GATE
NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982
2 ALL DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES)
Conforms to JEDEC Outline TO-254AA
Optional leadforms for outline TO-254
LEGEND
1 DRAIN
2 SOURCE
3 GATE
Dimensions in Millimeters and (Inches)
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: 171 (K&H Bldg.),30-4 Nishi-ikebukuro 3-Chome, Toshima-ku, Tokyo Japan Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
4/96
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com