Electronic Components Datasheet Search
  English  ▼

X  

AN4470 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4470
Description  The STPM3x application calibration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4470 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4470 Datasheet HTML 3Page - STMicroelectronics AN4470 Datasheet HTML 4Page - STMicroelectronics AN4470 Datasheet HTML 5Page - STMicroelectronics AN4470 Datasheet HTML 6Page - STMicroelectronics AN4470 Datasheet HTML 7Page - STMicroelectronics AN4470 Datasheet HTML 8Page - STMicroelectronics AN4470 Datasheet HTML 9Page - STMicroelectronics AN4470 Datasheet HTML 10Page - STMicroelectronics AN4470 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID026176 Rev 1
7/20
AN4470
Measuring system design
20
parameter drift can be compensated by calibration. This stage is necessary to get the
desired CP after calibration. To reach CP target output constant pulse, the analog front-end
component dimensioning can be carried out in two ways:
–
Choosing the value of R1 voltage divider resistor, given R2 and kS current sensor
sensitivity
–
Choosing kS given R1 and R2 voltage divider resistors
Calculations for these two methods are developed below:
•
First method: constant kS
Given R2 (smaller voltage divider resistor), kS (current sensor sensitivity) and CP, target
meter constant pulse (pulses/kWh), as calculation inputs, R1 voltage divider resistor value
derives from the following formula:
Equation 7
•
Second method: constant R1
Given R1, R2 (voltage divider resistors) and CP target meter constant pulse (pulses/kWh) as
calculation inputs, kS current sensor value derives from the following formula:
Equation 8
CP value can be scaled by a division factor through LPWx[3:0] bits in DSP_CR1, DSP_CR2
for the two channels according to the device p/n.
Note:
The resistor (in the first method) or the current channel sensor (in the second method) has
to be chosen as closer as possible to the target value; small tolerance is compensated by
calibration.
2.1
Design example
This example shows the correct dimensioning of a meter using a current transformer with
the following specifications:
R
1
R
2
1800 k
S
A
V
A
I
cal
V
cal
I
DClk
⋅⋅
⋅
⋅
⋅
⋅
V
2
ref
C
P
⋅
-----------------------------------------------------------------------------------------------
1
–



Ω
[]
=
k
S
V
2
ref
C
P
1R
1 R2
⁄
+
()
⋅⋅
1800 A
V
A
I
cal
V
cal
I
DClk
⋅⋅
⋅
⋅
⋅
------------------------------------------------------------------------------------ mV
() A
⁄
[]
=
Table 1. Example 1 design data
Parameter
Value
VN nominal voltage
230 VRMS
IN nominal current
5 ARMS
IMax maximum current
40 ARMS
CP constant pulses
1000 imp/kWh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com