Electronic Components Datasheet Search
  English  ▼

X  

AN4470 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4470
Description  The STPM3x application calibration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4470 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4470 Datasheet HTML 1Page - STMicroelectronics AN4470 Datasheet HTML 2Page - STMicroelectronics AN4470 Datasheet HTML 3Page - STMicroelectronics AN4470 Datasheet HTML 4Page - STMicroelectronics AN4470 Datasheet HTML 5Page - STMicroelectronics AN4470 Datasheet HTML 6Page - STMicroelectronics AN4470 Datasheet HTML 7Page - STMicroelectronics AN4470 Datasheet HTML 8Page - STMicroelectronics AN4470 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID026176 Rev 1
5/20
AN4470
Calibration principles and underlying theory
20
Neglecting term
εv*εi, the measured active power is
Equation 6
1.2
Accuracy and stability influence factors
All components, which have some influence on system accuracy and stability, can be found
in the input analog section.
Only a limited number of internal components determines system accuracy:
•
Voltage and current sensors
•
Signal conditioning section
•
Oscillator frequency
•
Internal reference voltage source
•
Analog-to-digital converter gain
To reach the desired stability and linearity, high quality components have to be used.
Moreover, the circuit has to be carefully designed to minimize some issues such as: short-
time repeatability, linearity or immunity degrade.
Besides, external influences can affect meter accuracy, such as:
•
Capacitive and inductive coupling to inputs and between phases (crosstalk)
•
High frequency electrical and magnetic fields (EMC)
•
Common-mode voltage between inputs and to earth
•
Low frequency magnetic fields
•
Measuring setup (wiring, earth connection ground loop)
•
Source (stability of V, I,
φ, signal quality)
•
Long-time drift
•
Humidity
Undesired external influences should be reduced to minimum through the shielding of the
analog part or compensated in hardware or software.
If system is not immune to external influences, it can only work under very special
conditions and results cannot be reproduced in other locations, where there may be a
different measuring setup. In this case, also statistical effects, due to noise, have higher
impact on short-time repeatability.
External influences on total system accuracy can be more important than the basic specified
error.
Note:
The STPM3x does not introduce any crosstalk error neither between voltage and current
inputs nor among different phases. However, the voltage front-end handles considerable
amplitude voltages, which make it a potential source of noise. Disturbances could be readily
emitted into current measurement circuitry, interfering with the signal to be measured.
Typically, this shows a non-linear error at small signal amplitudes and non-unity power
factors. At unity power factor, voltage and current signals are in phase, and crosstalk
between voltage and current channels appears as a gain error, which can be calibrated.
P'
VI
1
ε
v
ε
i
++
()
ϕ θ
+
()
cos
⋅
P
off
+
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com