Electronic Components Datasheet Search
  English  ▼

X  

AN4470 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4470
Description  The STPM3x application calibration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4470 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4470 Datasheet HTML 1Page - STMicroelectronics AN4470 Datasheet HTML 2Page - STMicroelectronics AN4470 Datasheet HTML 3Page - STMicroelectronics AN4470 Datasheet HTML 4Page - STMicroelectronics AN4470 Datasheet HTML 5Page - STMicroelectronics AN4470 Datasheet HTML 6Page - STMicroelectronics AN4470 Datasheet HTML 7Page - STMicroelectronics AN4470 Datasheet HTML 8Page - STMicroelectronics AN4470 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID026176 Rev 1
3/20
AN4470
Calibration principles and underlying theory
20
1
Calibration principles and underlying theory
1.1
Principles of digital energy measurement system
Digital energy measuring system, based on the STPM3x, is composed of:
•
Analog section with high-resolution sigma-delta analog/digital converters (ADCs)
•
Digital section with powerful digital signal processor (DSP) to perform power and
energy measurement, as well as other secondary parameters
The main scheme of this system is indicated in Figure 1.
Figure 1. Digital power and energy measurement system
Voltage and current paths include the following blocks:
–
Sensors for voltage and current
–
Signal conditioning (to optimize signals to match the required ADC input level)
–
ADCs
Common section consists of the following elements:
–
System DC reference voltage
–
System time base, provided by a quartz crystal oscillator or by an external (MCU)
clock
A/D converters collect samples of phase current and phase-to-neutral voltage synchronized
to the sample clock. Outputs of the analog section are samples of voltage and current in
digital form with an exact time relationship.
The digital section consists of DSP providing real time calculation based on the voltage and
current sampled values to calculate power, energy, RMS values and other parameters
through standard mathematical formulas.
A correction algorithm hardwired in DSP corrects amplitude and phase-angle errors of the
measured samples, while correction parameters are calculated during the calibration phase.
V(
ϕ
U )
Voltage
transducer
ΣΔ
modulator
AFE
ANALOG SECTION
ΣΔ
modulator
DIGITAL SECTION
AFE
VREF
CLK
Voltage
reference
Time
base
Current
transducer
Decimation
Compensation
DSP
Decimation
Compensation
CHC
CHV
PHC
PHV
OFA
OFR
OFAF OFS
STPM3x
Output data
i(t)
v(t)
θ
I(
ϕ
I )
I’(
ϕI’) + Ioff
V’(
ϕ
U ) +V
off
ioff (t)
voff (t)
GIPG0304141248LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com