Electronic Components Datasheet Search
  English  ▼

X  

AN4470 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4470
Description  The STPM3x application calibration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4470 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4470 Datasheet HTML 5Page - STMicroelectronics AN4470 Datasheet HTML 6Page - STMicroelectronics AN4470 Datasheet HTML 7Page - STMicroelectronics AN4470 Datasheet HTML 8Page - STMicroelectronics AN4470 Datasheet HTML 9Page - STMicroelectronics AN4470 Datasheet HTML 10Page - STMicroelectronics AN4470 Datasheet HTML 11Page - STMicroelectronics AN4470 Datasheet HTML 12Page - STMicroelectronics AN4470 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID026176 Rev 1
9/20
AN4470
System calibration
20
3
System calibration
The calibration procedure is a key feature among main meter requirements. In fact, it
impacts directly on accuracy, cost, manufacturing and reliability of the meter. After the final
assembly phase, an energy meter requires a calibration procedure due to unknown
tolerances respect to nominal values of the following analog blocks:
•
Voltage and current sensors
•
Oscillator frequency
•
Internal or external reference voltage source
•
Analog-to-digital converter gain
The STPM3x device is composed of independent channels for line voltage and current
respectively. Each channel includes its own 12-bit digital calibrator to adjust the signal
amplitude, digital filter to remove any signal DC component; moreover the device embeds
phase calibration registers for each line and power offset compensation registers.
Calibration is carried out in three steps:
•
Amplitude calibration is mandatory for class accuracy higher than Class 2
•
Phase-shift calibration is mandatory for CT-based meters
•
Power offset calibration (optional for class accuracy higher than 0.2)
To calibrate, the following equipment has to be interfaced:
•
Precision current and voltage source (Gen)
•
Meter under calibration (MUC)
•
Higher class precision energy meter (HPM) (optional)
•
Calibration process controller (CPC)
•
UART/SPI interface to the STPM3x device
Please, see Figure 3:
Figure 3. Meter calibration setup
HPM*
MUC
Calibration
process
controller
IN
VN
IRMS
M2*
VRMS
M1*
Interface
SPI / UART
pulses
error
VRMS
IRMS
(*)
optional equipment
optional signal
Gen
GIPG0304141302LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com