Electronic Components Datasheet Search
  English  ▼

X  

AN2503 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 7Page - STMicroelectronics AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics AN2503 Datasheet HTML 12Page - STMicroelectronics AN2503 Datasheet HTML 13Page - STMicroelectronics AN2503 Datasheet HTML 14Page - STMicroelectronics AN2503 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AN2503
PDP Sustain circuit
11/30
Figure 12.
Circuit scheme
Weber topology provides a new sustainer circuit that recovers the energy otherwise lost in
charging and discharging the panel capacitance, Cp. The efficiency with which the sustainer
recovers this energy is defined as the "recovery" efficiency. In particular, when Cp is
charged to Vs and then discharged to zero, the energy that flows into and out of Cp is E =
CPVS
2.
The recovery efficiency is defined by:
Equation 1
where ELOST is the energy lost in charging and discharging Cp in the sustain circuit without
energy recovery.
It is worth noting that the recovery efficiency is not the same as the conventional power
efficiency defined in terms of the power delivered to a load, since no power is delivered to
the capacitor Cp. It is simply charged and then discharged. The recovery efficiency is a
measure of the energy loss in the sustainer, and could reach a value higher than 90%.
Summarizing, the panel's pixels are connected in parallel and can be represented as an
equivalent panel capacitor Cp. A proper switching sequence, together with the energy
recovery circuit, allows this circuit to produce an AC voltage required to illuminate, recover
residual energy and reset the cells of the panel.
Referring to the schematic in Figure 12, Power devices in the Sustain circuit topology can be
grouped into four circuit sub-functions:
1.
Energy recovery circuit (ERC) which consists of T1, T2, T11, T12, D1, D2, D3, D4, D5,
D6, D7, D8
2.
Sustain circuit (discharge circuit or sustainer) which consists of T3, T4, T9, T10
3.
Path circuit which consists of T5, T6
4.
Set and Reset circuit which consists of T7, T8
Vs
Vs
Vs
Vset
L7
T9
T10
T8
T12
T11
-Vreset
Cp
CS1
CS2
L1
D7
D8
D6
D5
T7
D1
Vs
T3
T2
T1
T4
T6
T5
D2
D4
D3
Eff
100
C
PVS
2
E
LOST
–
C
PVS
2
-----------------------------------------
100
1
E
LOST
C
PVS
2
------------------
–
⎝⎠
⎜⎟
⎛⎞
•
=
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com