Electronic Components Datasheet Search
  English  ▼

X  

AN2503 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 14Page - STMicroelectronics AN2503 Datasheet HTML 15Page - STMicroelectronics AN2503 Datasheet HTML 16Page - STMicroelectronics AN2503 Datasheet HTML 17Page - STMicroelectronics AN2503 Datasheet HTML 18Page - STMicroelectronics AN2503 Datasheet HTML 19Page - STMicroelectronics AN2503 Datasheet HTML 20Page - STMicroelectronics AN2503 Datasheet HTML 21Page - STMicroelectronics AN2503 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
PDP Power Devices characteristics
AN2503
18/30
4.1.1
Measurement set-up
Power losses and thermal analysis measurements were performed based on an average
switching frequency. In fact, switching performances have to be related to the maximum
frequency in the system, usually 250 kHz, whereas power losses and thermal management
have to be related to an average frequency. The Average Switching frequency takes into
account the fact that during a picture time, the power devices do not switch at the maximum
frequency for the whole time, but only during the sustain phases. The sustain duration, and
consequently the number of sustain pulses, increases starting from subfield 1 to subfield 10.
Average frequency can be calculated starting from sustain duty ratio.
Note:
Sustain duty = picture time - reset period x SF - N x SF x scan speed [µs / line]
Picture time = 16.67 ms
Reset period = 250 µsec
SF = number of sustain pulses
N = number of lines
The sustain duty ratio is carried out for a 10 subfield case in both single scan and dual scan
operations, varying the scan speed duration (time needed to scan a single line in the
display), for VGA (480 lines), XGA (768 lines) and HD (1080 lines).
According to the following formula,
fav=fswitching x SustainDuty
For a VGA display
→SustainDuty = 0.27 ÷ 0.56 →f
av = 68 ÷ 140 kHz
This means that power devices in ERC and discharge circuit need to be designed for an
average frequency of 140 kHz (maximum) in terms of power losses and thermal
management. Clearly peak current and peak voltage rating do not change when we perform
this averaged analysis.
Table 1.
10 subfield / single scan
Scan speed
VGA 480
XGA 768
HD 1080
3 µsec
-
-
-
2.5 µsec
0.130
-
-
2 µsec
0.274
-
-
1.5 µsec
0.418
0.159
-
1 µsec
0.562
0.389
0.202
Table 2.
10 subfield / dual scan
Scan speed
VGA 480
XGA 768
HD 1080
3 µsec
0.418
0.158
-
2.5 µsec
0.490
0.274
0.040
2 µsec
0.562
0.389
0.202
1.5 µsec
0.634
0.504
0.364
1 µsec
0.706
0.620
0.526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com