Electronic Components Datasheet Search
  English  ▼

X  

AN2744 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics AN2744 Datasheet HTML 32Page - STMicroelectronics AN2744 Datasheet HTML 33Page - STMicroelectronics AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Board description
AN2744
34/56
Table 6
gives the parameters for setting the test conditions.
The received signal and noise level are measured with a spectrum analyzer at both the
ST7538Q RAI pin and the measurement port of the CISPR artificial network. To obtain the
right value, the noise level is measured in absence of the transmitted signal. The 3 kHz
resolution bandwidth of the spectrum analyzer has been chosen to fit the spectrum of the
transmitted FSK signal at 2400 baud.
Figure 30
represents the measured BER vs. SNR curve at both RAI pin and measurement
port of the CISPR network in presence of white noise. It may be noted that a BER of 10-3
corresponds to a value of SNR which is a little higher than 12 dB, as it can be expected for a
non-ideal FSK demodulator. The curve of Figure 30 is valid for both 72 and 86 kHz
channels.
Table 6.
Noise immunity test settings
Parameter
Value
Received signal at RAI pin
78 dBµV rms
Frequency
72 kHz
Baud rate
2400
Deviation
1
Detection method
Carrier with conditioning
Detection time
3 ms
Sensitivity
High
Input filter
Off
Transmitted sequence
AACC h
S.A. resolution BW
3 kHz
Figure 30.
Measured BER vs. SNR curve (typical), white noise
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
6
7
8
9
10
11
12
13
14
15
16
17
18
SNR (dB)
RAI
CISPR
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
6
7
8
9
10
11
12
13
14
15
16
17
18
SNR (dB)
RAI
CISPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com