Electronic Components Datasheet Search
  English  ▼

X  

AN2744 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 32Page - STMicroelectronics AN2744 Datasheet HTML 33Page - STMicroelectronics AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Board description
AN2744
36/56
5.3
Thermal design
All heat dissipation is based on the heat exchange between the ST7538Q IC, the PCB and
the environment.
A large PCB copper area under the device is recommended in order to achieve a better heat
transfer from the IC to the environment, see Figure 33.
The metallic slug under the ST7538Q (the exposed pad of the PwTQFP44 package) must
be properly soldered to the ground copper area on the PCB top side, as recommended in
the datasheet. For the ST7538Q dual channel reference design, the dissipating area is
nearly 1.5 cm².
The larger ground layer on the bottom side should be connected to the top side area through
multiple via holes.
Even if the ST7538Q has an integrated thermal shutdown circuitry, turning off the power
stage if the die temperature (TJ) surpasses 170 °C, it is recommended that TJ does not
exceed 125 °C to guarantee a safe condition for IC operation.
The relationship between the junction temperature TJ and the power dissipation during
transmission PD is described by the following formula:
TJ(tTX, d) = TA - PD·θJA(tTX, d)
where TA is the ambient temperature (from -45 to +85 °C) and θJA is the junction-to-ambient
thermal impedance of the ST7538Q IC.
The value of the thermal impedance depends on the length of the transmission (tTX) and on
the duty cycle d = tPKT/(tPKT+tIDLE), assuming a packet-fragmented transmission as
depicted in Figure 34.
Figure 33.
PCB copper dissipating area for the ST7538Q dual channel reference design
Bottom Layer
Top Layer
Copper Area
Soldering Area
Multiple Via
Holes
Large GND
layer
Bottom Layer
Top Layer
Copper Area
Soldering Area
Multiple Via
Holes
Large GND
layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com