Electronic Components Datasheet Search
  English  ▼

X  

AN2744 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 47Page - STMicroelectronics AN2744 Datasheet HTML 48Page - STMicroelectronics AN2744 Datasheet HTML 49Page - STMicroelectronics AN2744 Datasheet HTML 50Page - STMicroelectronics AN2744 Datasheet HTML 51Page - STMicroelectronics AN2744 Datasheet HTML 52Page - STMicroelectronics AN2744 Datasheet HTML 53Page - STMicroelectronics AN2744 Datasheet HTML 54Page - STMicroelectronics AN2744 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
AN2744
Troubleshooting
51/56
What to check
:
a)
Check if JP2 and JP3 are closed. Please refer to Section 5.1 for receiving path
configuration.
b)
Check if carrier frequency is present on RAI pin voltage with the oscilloscope
ground probe connected to the AVSS signal ground pin.
c)
Check that programmed board channel (CH1/CH2) is matching the carrier
frequency selected through the control register panel of the reference design
software window.
d)
Check preamble detection setting on the control register panel of the reference
design software window.
e)
Check if data are present on RxD pin.
6.
PROBLEM
: During a ping test or a transmission test, the ST7538Q reference design
board shows a high bit error rate.
Note:
This point refers to a half-duplex communication involving two ST7538Q reference design
boards communicating with each other.
What to check
:
a)
Check that both reference design boards are programmed to transmit/receive on
the same carrier frequency.
b)
Check on both reference design boards that programmed board channel
(CH1/CH2) is matching the carrier frequency selected through the control register
panel of the reference design software window.
c)
Check preamble detection setting on the control register panel of the reference
design software window.
d)
Check if data are present on RxD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com