Electronic Components Datasheet Search
  English  ▼

X  

AN2744 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 34Page - STMicroelectronics AN2744 Datasheet HTML 35Page - STMicroelectronics AN2744 Datasheet HTML 36Page - STMicroelectronics AN2744 Datasheet HTML 37Page - STMicroelectronics AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Board description
AN2744
38/56
Therefore, once the output voltage is fixed by the VSENSE partitioning, the required PD can
be calculated as a function of the load current (IOUTrms). The resulting value can be
compared with the dissipation limit imposed by the
θJA value, as a function of tTX and duty
cycle, to keep the junction temperature below the 125 °C limit.
5.4
Oscillator section
The ST7538Q crystal oscillator circuitry is based on a MOS amplifier working in inverter
configuration. This circuitry requires a crystal having a maximum load capacitance of 16 pF
and a maximum ESR of 40
Ω.
It is very important to keep the crystal oscillator and the load capacitors as close as possible
to the device.
The resonant circuit must be far away from noise sources such as:
●
power supply circuitry
●
burst and surge protections
●
mains coupling circuits
●
any PCB track or via carrying a signal
To properly shield and separate the oscillator section from the rest of the board, it is
recommended to use a ground plane, on both sides of the PCB, filling all the area below the
crystal oscillator and its load capacitors. No tracks or via holes, except for the crystal
connections, should cross the ground plane.
It is also recommended to use a large clearance on the oscillator-related tracks, to minimize
humidity problems, see Figure 36.
Connecting the case to ground is also a good practice to reduce the effect of radiated
signals on the oscillator.
Figure 36.
A recommended oscillator section layout for noise shielding
25
SGND
26
XOUT
27
XIN
ST7538Q
TOP Layer
BOTTOM Layer
Clearance
25
SGND
26
XOUT
27
XIN
ST7538Q
TOP Layer
BOTTOM Layer
Clearance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com