Electronic Components Datasheet Search
  English  ▼

X  

SD103N Datasheet(PDF) 3 Page - International Rectifier

Part # SD103N
Description  FAST RECOVERY DIODES Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD103N Datasheet(HTML) 3 Page - International Rectifier

  SD103N Datasheet HTML 1Page - International Rectifier SD103N Datasheet HTML 2Page - International Rectifier SD103N Datasheet HTML 3Page - International Rectifier SD103N Datasheet HTML 4Page - International Rectifier SD103N Datasheet HTML 5Page - International Rectifier SD103N Datasheet HTML 6Page - International Rectifier SD103N Datasheet HTML 7Page - International Rectifier SD103N Datasheet HTML 8Page - International Rectifier SD103N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SD103N/R Series
3
Bulletin I2062 rev. B 12/96
www.irf.com
Parameter
SD103N/R
Units
Conditions
°C
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.16
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.10
Mounting surface, smooth, flat and greased
T
Mounting torque ± 10%
15.5
Not lubricated threads
13.5
Lubricated threads
wt
Approximate weight
120
g
Case style
DO-205AC(DO-30)
See Outline Table
Thermal and Mechanical Specification
K/W
Nm
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
180°
0.011
0.012
T
J = TJ max.
120°
0.016
0.019
90°
0.021
0.023
K/W
60°
0.029
0.030
30°
0.041
0.041
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-t
rr
code (see Recovery Characteristics table)
7
-
P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A
M = Stud base DO-205AC (DO-30) M12 X 1.75
8
-7 B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
9
-
C = Ceramic housing (over 1600V)
V = Glass-metal seal (only up to 1600V)
5
1
2
3
4
SD
10
3
R
25
S20
P
B
C
7
6
89
Device Code
Ordering Information Table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com