Electronic Components Datasheet Search
  English  ▼

X  

SD103N Datasheet(PDF) 7 Page - International Rectifier

Part # SD103N
Description  FAST RECOVERY DIODES Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD103N Datasheet(HTML) 7 Page - International Rectifier

  SD103N Datasheet HTML 1Page - International Rectifier SD103N Datasheet HTML 2Page - International Rectifier SD103N Datasheet HTML 3Page - International Rectifier SD103N Datasheet HTML 4Page - International Rectifier SD103N Datasheet HTML 5Page - International Rectifier SD103N Datasheet HTML 6Page - International Rectifier SD103N Datasheet HTML 7Page - International Rectifier SD103N Datasheet HTML 8Page - International Rectifier SD103N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SD103N/R Series
7
Bulletin I2062 rev. B 12/96
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 9 - Typical Forward Recovery Characteristics
1
10
100
1000
0
.5
1
1.52
2.53
3.54
1
10
100
1000
0.51
1.5
2
2.5
3
3.5
4
Instantaneous Forward Voltage (V)
SD103N/R Series
T = 25 °C
J
T = 125 °C
J
0.001
0. 01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.16 K/W
(DC Operation)
thJC
SD103N/R Series
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
1400
1600
1800
2000
T = 25°C
J
SD103N/R..S20 Series
T = 125°C
J
Rate Of Rise Of Forward Current di/dt (A/usec)
I
V
FP
10
20
30
40
50
60
70
80
90
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
200 A
100 A
I
= 350 A
Square Pulse
FM
SD103N/R..S10 Series
T = 125 °C; V = 30V
J
r
10
20
30
40
50
60
10 20 30 40 50 60 70 80 90 100
Rate Of F all Of Forward Current - di/dt (A/µs)
200 A
100 A
I
= 350 A
Square Pulse
FM
SD103N/R..S10 Series
T = 125 °C; V = 30V
J
r
Fig. 11 - Recovery Charge Characteristics
Fig. 10 - Recovery Time Characteristics
Fig. 12 - Recovery Current Characteristics
1.2
1.4
1.6
1.8
10
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
200 A
100 A
I
= 350 A
Square Pulse
FM
SD103N/R..S10 Series
T = 125 °C; V = 30V
J
r



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com