Electronic Components Datasheet Search
  English  ▼

X  

SD103N Datasheet(PDF) 1 Page - International Rectifier

Part # SD103N
Description  FAST RECOVERY DIODES Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD103N Datasheet(HTML) 1 Page - International Rectifier

  SD103N Datasheet HTML 1Page - International Rectifier SD103N Datasheet HTML 2Page - International Rectifier SD103N Datasheet HTML 3Page - International Rectifier SD103N Datasheet HTML 4Page - International Rectifier SD103N Datasheet HTML 5Page - International Rectifier SD103N Datasheet HTML 6Page - International Rectifier SD103N Datasheet HTML 7Page - International Rectifier SD103N Datasheet HTML 8Page - International Rectifier SD103N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
110A
FAST RECOVERY DIODES
Stud Version
SD103N/R SERIES
Bulletin I2062 rev. B 12/96
www.irf.com
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-30
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
110
A
@ T
C
85
°C
I
F(RMS)
173
A
I
FSM
@ 50Hz
3570
A
@ 60Hz
3730
A
I2t@ 50Hz
64
KA2s
@ 60Hz
58
KA2s
V
RRM
range
400 to 2500
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD103N/R
Units
Major Ratings and Characteristics
case style
DO-205AC (DO-30)


Similar Part No. - SD103N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N25S20MBC IRF-SD103N25S20MBC Datasheet
416Kb / 10P
DISCRETE POWER DIODES and THYRISTORS
SD103N25S20MBV IRF-SD103N25S20MBV Datasheet
416Kb / 10P
DISCRETE POWER DIODES and THYRISTORS
SD103N25S20MC IRF-SD103N25S20MC Datasheet
416Kb / 10P
DISCRETE POWER DIODES and THYRISTORS
SD103N25S20MSC IRF-SD103N25S20MSC Datasheet
416Kb / 10P
DISCRETE POWER DIODES and THYRISTORS
SD103N25S20MSV IRF-SD103N25S20MSV Datasheet
416Kb / 10P
DISCRETE POWER DIODES and THYRISTORS
More results

Similar Description - SD103N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD153N IRF-SD153N Datasheet
463Kb / 8P
FAST RECOVERY DIODES Stud Version
SD203N IRF-SD203N Datasheet
122Kb / 9P
FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
FAST RECOVERY DIODES Stud Version
SD253N IRF-SD253N Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
40NSF NAINA-40NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
Fast Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com