Electronic Components Datasheet Search
  English  ▼

X  

SD103N Datasheet(PDF) 9 Page - International Rectifier

Part # SD103N
Description  FAST RECOVERY DIODES Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD103N Datasheet(HTML) 9 Page - International Rectifier

  SD103N Datasheet HTML 1Page - International Rectifier SD103N Datasheet HTML 2Page - International Rectifier SD103N Datasheet HTML 3Page - International Rectifier SD103N Datasheet HTML 4Page - International Rectifier SD103N Datasheet HTML 5Page - International Rectifier SD103N Datasheet HTML 6Page - International Rectifier SD103N Datasheet HTML 7Page - International Rectifier SD103N Datasheet HTML 8Page - International Rectifier SD103N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SD103N/R Series
9
Bulletin I2062 rev. B 12/96
www.irf.com
Fig. 20 - Maximum Total Energy Loss Per Pulse Characteristics
1E1
1E2
1E3
1E4
1
2
0.2
0.4
Pulse Basewidth (µs)
10
20 joules per pulse
1E1
tp
4
0.1
SD103 N/R..S15 Series
Tra pezoidal Pulse
d v/dt=1000V/µs, d i/dt=50A/µs
T = 125°C, V
= 1120V
J
RRM
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
4
2
0.2
0.4
0.02
0.04
Pulse Basewidth (µs)
20 joules per pulse
0.01
10
T = 125°C, V
= 1120V
SD103N/R.. S15 Series
Sinusoidal Pulse
dv/dt=1000V/µs
1E4
tp
RRM
J
Fig. 21 - Maximum Total Energy Loss Per Pulse Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
4
2
0.1
0.2
0.4
0.02
0.04
Pulse Basewidth (µs)
20 joules per pulse
0.01
Sinusoidal Pulse
dv/dt=1000V/µs
10
SD103N/R..S20 Series
T = 125°C, V
= 1760V
1E4
J
RRM
tp
1E1
1E2
1E3
1E4
1
2
0.2
0.4
Pulse Basewidth (µs)
10
20 joules per pulse
1E1
tp
4
SD103N/R..S20 Series
Trapezoidal Pulse
T = 125°C, V
= 1760V
dv/dt=10 00V/µs, di/dt=50A/µs
J
RRM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com