Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 47 Page - NEC

Part # UPD17231
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17231 Datasheet(HTML) 47 Page - NEC

Back Button UPD17231 Datasheet HTML 43Page - NEC UPD17231 Datasheet HTML 44Page - NEC UPD17231 Datasheet HTML 45Page - NEC UPD17231 Datasheet HTML 46Page - NEC UPD17231 Datasheet HTML 47Page - NEC UPD17231 Datasheet HTML 48Page - NEC UPD17231 Datasheet HTML 49Page - NEC UPD17231 Datasheet HTML 50Page - NEC UPD17231 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
47
32
10
WDTRES
BTMCK
BTMRES
0
Address
RF : 03H
BTMRES
On reset
0H
R/W
R/WNote
0
1
Basic Interval Timer Reset
Data read out is always "0"
Writing "1" resets basic interval timer
BTMCK
0
1
Basic Interval Timer Mode Selection
Generates interrupt signal IRQBTM every fX/220
WDTRES
0
1
Watchdog Timer Reset
Data read out is always "0"
Writing "1" resets watchdog timer (fX/221 counter)
Generates interrupt signal IRQBTM every fX/218
Note
Bits 1 and 3 are write-only bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com