Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 13 Page - NEC

Part # UPD17231
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17231 Datasheet(HTML) 13 Page - NEC

Back Button UPD17231 Datasheet HTML 9Page - NEC UPD17231 Datasheet HTML 10Page - NEC UPD17231 Datasheet HTML 11Page - NEC UPD17231 Datasheet HTML 12Page - NEC UPD17231 Datasheet HTML 13Page - NEC UPD17231 Datasheet HTML 14Page - NEC UPD17231 Datasheet HTML 15Page - NEC UPD17231 Datasheet HTML 16Page - NEC UPD17231 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
13
The first address of the subroutine that can be called by the system call instruction (“SYSCAL entry”) is the first
16 steps of each block (block 0 to 7) in page 0 of segment 1 (system segment).
Figure 2-2. Outline of System Call Instruction
Page 1
Page 2
Page 3
Page 0
(16 bits
× 2K steps)
(16 bits
× 8K steps)
Segment 0
Page 1
Page 2
Page 3
(16 bits
× 8K steps)
Segment 1
(system segment)
Block 0
Block 1
Block 2
Block 7
Block 0 of segment 1
Entry address of
SYSCAL instruction
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
0
7
F
7
F
8
0
8
0
F
F
F
F
0
0
0
0
F
F
F
F
0
0
0
0
H
H
H
H
H
H
H
H
0
0
0
0
0
0
0
0
2
2
3
3
2
3
3
2
7
F
7
F
8
0
8
0
F
F
F
F
0
0
0
0
F
F
F
F
0
0
0
0
H
H
H
H
H
H
H
H
020 F F H
02100 H
021 F F H
02200 H
022 F F H
02700 H
02000 H
0200 F H
Area in which
entry address of
system segment
can be specified
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com