Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 8 Page - NEC

Part # UPD17231
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17231 Datasheet(HTML) 8 Page - NEC

Back Button UPD17231 Datasheet HTML 4Page - NEC UPD17231 Datasheet HTML 5Page - NEC UPD17231 Datasheet HTML 6Page - NEC UPD17231 Datasheet HTML 7Page - NEC UPD17231 Datasheet HTML 8Page - NEC UPD17231 Datasheet HTML 9Page - NEC UPD17231 Datasheet HTML 10Page - NEC UPD17231 Datasheet HTML 11Page - NEC UPD17231 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
8
1.
PIN FUNCTIONS
1.1
Pin Function List (1/2)
Pin No.
Symbol
Function
Output Form
On Reset
27 (28)
P0D0
These pins constitute a 4-bit I/O port which can be set in the input
N-ch
Low-level
28 (29)
P0D1
or output mode in 4-bit units (group I/O).
open-drain
output
1 (1)
P0D2
In the input mode, these pins serve as CMOS input pins with a
2 (2)
P0D3
pull-up resistor, and can be used as key return input lines of a key
matrix. The standby status must be released when at least one of
the input lines goes low. In the output mode, these pins are used
as N-ch open-drain output pins and can be used as the output
lines of a key matrix.
3 (3)
INT
External interrupt request signal. This signal releases the standby
–
Input
status if an external interrupt request signal is input to it when the
INT pin interrupt enable flag (IP) is set.
4 (4)
P0E0
These pins constitute a 4-bit I/O port that can be set in the input or
CMOS
Input
5 (5)
P0E1
output mode in 1-bit units.
push-pull
6 (6)
P0E2
In the output mode, this port functions as a high current CMOS
7 (7)
P0E3
output port. In the input mode, function as CMOS input and can be
specified to connect pull-up resistor by program.
8 (8)
REM
Outputs transfer signal for infrared remote controller.
CMOS
Low-level
Active-high output.
push-pull
output
9 (9)
VDD
Power supply
–
–
10 (10)
XOUT
Connects ceramic resonator for system clock oscillation
–
(Oscillation
11 (11)
XIN
stops)
12 (12)
GND
Ground
–
–
13 (13)
RESET
Turns ON pull down resistor if POC or watchdog timer overflows
–
Input
and if the stack pointer overflows or underflows, and resets the
system. Usually, the pull-down resistor is ON.
14 (14)
P1A0
This can be set in the input or output mode by mask option.
–
Input
In the input mode, it serves as a CMOS input pin. However, it
(Input)
cannot release the STOP mode.
In the output mode, this pin functions as an N-ch open-drain output
N-ch
High-
pin and can be used as an output line for a key matrix.
open-drain
impedance
(Output)
output
15 (16)
P0A0
These pins are CMOS input pins with a 4-bit pull-up resistor.
–
Input
16 (17)
P0A1
They can be used as the key return input lines of a key matrix.
17 (18)
P0A2
If any one of these pins goes low, the standby status is released.
18 (19)
P0A3
19 (20)
P0B0
These pins constitute a 4-bit I/O port that can be set in the input or
N-ch
Input
20 (21)
P0B1
output mode in 1-bit units.
open-drain
21 (22)
P0B2
In the input mode, these pins are CMOS input pins with a pull-up
22 (23)
P0B3
resistor, and can be used as the key return input lines of a key
matrix. The standby status is released when at least one of these
pins goes low.
In the output mode, they serve as N-ch open-drain output pins and
can be used as the output lines of a key matrix.
Remark
The number in parenthesis in the Pin No. column indicates the pin numbers of the 30-pin plastic SSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com