Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 49 Page - NEC

Part # UPD17231
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17231 Datasheet(HTML) 49 Page - NEC

Back Button UPD17231 Datasheet HTML 45Page - NEC UPD17231 Datasheet HTML 46Page - NEC UPD17231 Datasheet HTML 47Page - NEC UPD17231 Datasheet HTML 48Page - NEC UPD17231 Datasheet HTML 49Page - NEC UPD17231 Datasheet HTML 50Page - NEC UPD17231 Datasheet HTML 51Page - NEC UPD17231 Datasheet HTML 52Page - NEC UPD17231 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
49
7.
INTERRUPT FUNCTIONS
7.1
Interrupt Sources
µPD17236 is provided with three interrupt sources.
When an interrupt has been accepted, the program execution automatically branches to a predetermined address,
which is called a vector address. A vector address is assigned to each interrupt source, as shown in Table 7-1.
Table 7-1. Vector Address
Priority
Interrupt Source
Ext/Int
Vector Address
1
8-bit timer
Internal
0003H
2
INT pin rising and falling edges
External
0002H
3
Basic interval timer
Internal
0001H
When more than one interrupt request is issued at the same time, the interrupts are accepted in sequence, starting
from the one with the highest priority.
Whether an interrupt is enabled or disabled is specified by the EI or DI instruction. The basic condition under which
an interrupt is accepted is that the interrupt is enabled by the EI instruction. While the DI instruction is executed, or
while an interrupt is accepted, the interrupt is disabled.
To enable accepting an interrupt after the interrupt has been processed, the EI instruction must be executed before
the RETI instruction. Accepting the interrupt is enabled by the EI instruction after the instruction next to the EI
instruction has been executed. Therefore, no interrupt can be accepted between the EI and RETI instructions.
Caution In interrupt processing, only the BCD, CMP, CY, Z, IXE flags are automatically saved to the stack
by the hardware, to a maximum of three levels. Also, within the interrupt processing contents,
when peripheral hardware (timer, A/D converter, etc. ) is accessed, the DBF and WR contents
are not saved by the hardware. Accordingly, it is recommended that at the beginning of interrupt
processing DBF and WR be saved by software to RAM, and immediately before finishing interrupt
processing the saved contents be returned to thier original location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com