Electronic Components Datasheet Search
  English  ▼

X  

UPD17717GC Datasheet(PDF) 91 Page - NEC

Part # UPD17717GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17717GC Datasheet(HTML) 91 Page - NEC

Back Button UPD17717GC Datasheet HTML 87Page - NEC UPD17717GC Datasheet HTML 88Page - NEC UPD17717GC Datasheet HTML 89Page - NEC UPD17717GC Datasheet HTML 90Page - NEC UPD17717GC Datasheet HTML 91Page - NEC UPD17717GC Datasheet HTML 92Page - NEC UPD17717GC Datasheet HTML 93Page - NEC UPD17717GC Datasheet HTML 94Page - NEC UPD17717GC Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 408 page
background image
91
µPD17717, 17718, 17719
10.3 Data Buffer Stack Pointer
The data buffer stack pointer detects the multiplexing level of the data buffer stack registers.
When the “PUT” instruction is executed to the data buffer stack, the value of the data buffer stack pointer
is incremented by one; when the “GET” instruction is executed, the value of the pointer is decremented by one.
The data buffer stack pointer can be only read and cannot be written.
The configuration and function of the data buffer stack pointer are illustrated below.
Name
Flag symbol
b3
0
b2
0
b1
D
B
F
S
P
1
b0
D
B
F
S
P
0
Address
04H
Read/Write
R
Data buffer stack pointer
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
1
Level 0
Level 1
Level 2
Level 3
Detects multiplexing level of data buffer stack
0
0
1
1
Retained
Fixed to “0”
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com