Electronic Components Datasheet Search
  English  ▼

X  

AN1514 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1514
Description  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1514 Datasheet HTML 4Page - STMicroelectronics AN1514 Datasheet HTML 5Page - STMicroelectronics AN1514 Datasheet HTML 6Page - STMicroelectronics AN1514 Datasheet HTML 7Page - STMicroelectronics AN1514 Datasheet HTML 8Page - STMicroelectronics AN1514 Datasheet HTML 9Page - STMicroelectronics AN1514 Datasheet HTML 10Page - STMicroelectronics AN1514 Datasheet HTML 11Page - STMicroelectronics AN1514 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VIPer application examples
AN1514
8/17
Figure 4.
Board layout
Figure 5.
Board prototype
2.1.1
Experimental results
In this section the characterization of the circuit is given. Four load conditions have been
considered:
1.
Output1 = open load - output2 = open load
2.
Output1 = full load - output2 = open load
3.
Output1 = open load - output2 = full load
4.
Output1 = full load - output2 = full load
In Table 3 and Table 4 the experimental results are listed, with 80 V and 285 V input voltage
respectively. In all the considered operating conditions the proposed power supply meets
the given specifications. The efficiency has been evaluated and is shown in Figure 6, where
the output power Pout is given by (Equation 1).
Equation 1
P
out
P
out1
P
out2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com