Electronic Components Datasheet Search
  English  ▼

X  

AN1514 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1514
Description  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1514 Datasheet HTML 5Page - STMicroelectronics AN1514 Datasheet HTML 6Page - STMicroelectronics AN1514 Datasheet HTML 7Page - STMicroelectronics AN1514 Datasheet HTML 8Page - STMicroelectronics AN1514 Datasheet HTML 9Page - STMicroelectronics AN1514 Datasheet HTML 10Page - STMicroelectronics AN1514 Datasheet HTML 11Page - STMicroelectronics AN1514 Datasheet HTML 12Page - STMicroelectronics AN1514 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN1514
VIPer application examples
9/17
Figure 6.
Efficiency vs. output power
2.2
Double output buck-boost converter using VIPer22A-E
The proposed power supply, shown in Figure 7, is based on VIPer22A-E. It delivers
maximum 7 W output power in wide range, according to Table 5 which lists the main
specifications of the converter. This topology is used to supply negative output voltage
referred to neutral in non isolated applications. The input stage is similar to the Buck based
application but requires a larger bulk capacitor due to the higher power level, as shown in
Table 6.
Table 3.
Load regulation at Vin=80Vacrms
Vin=80Vac
Vout1(V)
Iout1(mA)
Vout2(V)
Iout2(mA)
1
24.95
5
5.58
0
2
26.16
30
5.58
0
3
26.98
5
4.90
50
4
24.02
30
5.06
50
Table 4.
Load regulation at Vin=285Vacrms
Vin=285Vac
Vout1(V)
Iout1(mA)
Vout2(V)
Iout2(mA)
1
24.95
5
5.58
0
2
24.39
30
5.58
0
3
24.86
5
4.75
50
4
24.39
30
5.20
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com