Electronic Components Datasheet Search
  English  ▼

X  

AN1514 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1514
Description  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1514 Datasheet HTML 6Page - STMicroelectronics AN1514 Datasheet HTML 7Page - STMicroelectronics AN1514 Datasheet HTML 8Page - STMicroelectronics AN1514 Datasheet HTML 9Page - STMicroelectronics AN1514 Datasheet HTML 10Page - STMicroelectronics AN1514 Datasheet HTML 11Page - STMicroelectronics AN1514 Datasheet HTML 12Page - STMicroelectronics AN1514 Datasheet HTML 13Page - STMicroelectronics AN1514 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
VIPer application examples
AN1514
10/17
The two outputs are provided using a Buck-Boost converter for the -24 V output, named
"Vout1", and a coupled inductor in flyback mode for the -5 V output, named "Vout2". The
regulation feedback is connected to "Vout1" as well as the supply circuit of the Viper22A-E.
Doing so, only one high voltage diode and one capacitor are needed, i.e. D2 and C3 in
Figure 7, reducing the complexity and the cost of the circuit.
The output inductor, L, has two coupled windings on the same ferrite core, with a proper turn
ratio and coupling factor in order to get the correct output voltage. In particular, 1 mH
inductor "PANASONIC ELC08D102E" is used with a second winding (N2=45 turns) in order
to obtain the secondary output.
Zener diode Dz2 protects the Out2 against overvoltage, but this protection is not needed in
Out1. A burden resistor (Rb) is connected across Vout1 in order to perform the regulation on
Vout2 when Vout1 is in open load condition. The output rectifier diodes are both ultrafast
diodes: D3 is a high voltage diode since it has to sustain a reverse voltage given by the input
DC bus voltage while D4 is a low voltage diode. The part list of the proposed circuit is given
in Table 6.
Figure 7.
Converter schematic
Table 5.
Buck-boost converter specifications
Parameter
Value
AC input voltage Vinac
80 - 285 Vac
Output current Iout1
250 mA
Output current Iout2
70 mA
Output voltage Vout1
-24±10%V
Output voltage Vout2
-5 V±5%
Switching frequency
60 kHz
Output power
~ 7 W
-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com