Electronic Components Datasheet Search
  English  ▼

X  

AN1514 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1514
Description  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1514 Datasheet HTML 1Page - STMicroelectronics AN1514 Datasheet HTML 2Page - STMicroelectronics AN1514 Datasheet HTML 3Page - STMicroelectronics AN1514 Datasheet HTML 4Page - STMicroelectronics AN1514 Datasheet HTML 5Page - STMicroelectronics AN1514 Datasheet HTML 6Page - STMicroelectronics AN1514 Datasheet HTML 7Page - STMicroelectronics AN1514 Datasheet HTML 8Page - STMicroelectronics AN1514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
List of figures
AN1514
4/17
List of figures
Figure 1.
Double output buck topology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Double output buck-boost topology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Converter schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Board layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Board prototype . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Converter schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Vin=80Vacrms, Iout2=75 mA, CH1=Vout1, CH2=Iout1, CH3=ILp, CH4=Vout2 . . . . . . . . . . . . . 13
Figure 10.
Vin=285Vacrms, Iout2=75 mA, CH1=Vout1, CH2=Iout1, CH3=ILp, CH4=Vout2 . . . . . . . . . . . . 13
Figure 11.
VIPer22A-E temperature at maximum load with parasitic capacitance . . . . . . . . . . . . . . . 13
Figure 12.
VDS and ID at Vin=230Vacrms, Iout=250 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Conducted emissions at full load with EN55014 limits: line emissions . . . . . . . . . . . . . . . . 15
Figure 14.
Conducted emissions at full load with EN55014 limits: neutral emissions . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com