Electronic Components Datasheet Search
  English  ▼

X  

IRF7350 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7350 Datasheet HTML 2Page - International Rectifier IRF7350 Datasheet HTML 3Page - International Rectifier IRF7350 Datasheet HTML 4Page - International Rectifier IRF7350 Datasheet HTML 5Page - International Rectifier IRF7350 Datasheet HTML 6Page - International Rectifier IRF7350 Datasheet HTML 7Page - International Rectifier IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier IRF7350 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IRF7350
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14. Typical Threshold Voltage Vs.
Junction Temperature
Fig 15. Typical Power Vs. Time
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
VGS, Gate -to -Source Voltage (V)
0.00
0.10
0.20
0.30
0.40
ID = 2.1A
02
468
10
ID , Drain Current (A)
0.15
0.16
0.17
0.18
VGS = 10V
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
ID = 250µA
1.00
10.00
100.00
1000.00
Time (sec)
0
10
20
30
40
50
60
70
N-CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com