Electronic Components Datasheet Search
  English  ▼

X  

IRF7350 Datasheet(PDF) 14 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier IRF7350 Datasheet HTML 10Page - International Rectifier IRF7350 Datasheet HTML 11Page - International Rectifier IRF7350 Datasheet HTML 12Page - International Rectifier IRF7350 Datasheet HTML 13Page - International Rectifier IRF7350 Datasheet HTML 14Page - International Rectifier IRF7350 Datasheet HTML 15Page - International Rectifier IRF7350 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
IRF7350
14
www.irf.com
Fig 38. Typical Avalanche Current Vs.Pulsewidth
Fig 39. Maximum Avalanche Energy
Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = ∆
∆∆∆∆T/ Z
thJC
Iav = 2∆
∆∆∆∆T/ [1.3·BV·Z
th]
EAS (AR) = PD (ave)·tav
P-CHANNEL
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
tav (sec)
0.001
0.01
0.1
1
10
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
Starting T J , Junction Temperature (°C)
0
10
20
30
40
50
60
TOP
Single Pulse
BOTTOM 10% Duty Cycle
ID = -3.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com