Electronic Components Datasheet Search
  English  ▼

X  

IRF7350 Datasheet(PDF) 11 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF7350 Datasheet HTML 7Page - International Rectifier IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier IRF7350 Datasheet HTML 10Page - International Rectifier IRF7350 Datasheet HTML 11Page - International Rectifier IRF7350 Datasheet HTML 12Page - International Rectifier IRF7350 Datasheet HTML 13Page - International Rectifier IRF7350 Datasheet HTML 14Page - International Rectifier IRF7350 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IRF7350
www.irf.com
11
Fig 30. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 29. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
P-CHANNEL
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
T , Case Temperature
( C)
°
C
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100

Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com