Electronic Components Datasheet Search
  English  ▼

X  

IRF7350 Datasheet(PDF) 16 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier IRF7350 Datasheet HTML 10Page - International Rectifier IRF7350 Datasheet HTML 11Page - International Rectifier IRF7350 Datasheet HTML 12Page - International Rectifier IRF7350 Datasheet HTML 13Page - International Rectifier IRF7350 Datasheet HTML 14Page - International Rectifier IRF7350 Datasheet HTML 15Page - International Rectifier IRF7350 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
IRF7350
16
www.irf.com
33 0. 0 0
( 12.992 )
MA X .
14.40 ( .5 66 )
12.40 ( .4 88 )
NO T ES :
1. CO NT RO L L ING DIM E N S IO N : M IL L IM E T E R .
2. O U TL IN E C O N F O R M S T O E IA -481 & E IA - 541.
F E E D DIR E CT IO N
T E RM IN AL NUM BER 1
12.3 ( .48 4 )
11.7 ( .46 1 )
8.1 ( .31 8 )
7.9 ( .31 2 )
N O T ES:
1 . C O NT R O L L ING DIM E NS IO N : M IL L IM E T E R.
2 . AL L D IM E N S IO N S AR E SH O W N IN M IL L IM ET ER S( IN C H ES).
3 . O U T L IN E C O N F O R M S T O EIA-4 8 1 & EIA- 5 4 1 .
SO-8 Tape and Reel
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 08/01
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com