Electronic Components Datasheet Search
  English  ▼

X  

AN2063 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2063
Description  The new regulation on the power supply standby consumption for the battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2063 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2063 Datasheet HTML 3Page - STMicroelectronics AN2063 Datasheet HTML 4Page - STMicroelectronics AN2063 Datasheet HTML 5Page - STMicroelectronics AN2063 Datasheet HTML 6Page - STMicroelectronics AN2063 Datasheet HTML 7Page - STMicroelectronics AN2063 Datasheet HTML 8Page - STMicroelectronics AN2063 Datasheet HTML 9Page - STMicroelectronics AN2063 Datasheet HTML 10Page - STMicroelectronics AN2063 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID10955 Rev 2
7/15
AN2063
Charger application
15
This 60 mW power at no-load condition can be saved using the transil clamp to replace the
RCD configuration in the snubber circuit.
4.
Optional for the voltage reference devices (TS431 or TL431 or Zener)
The TS431, the TL431 and the Zener can be used as voltage regulators. The TS431 shows
the low minimum operation current with the typical value of 150 A. This feature is quite
useful, because the biasing resistor can be removed without any voltage regulation
performance loss. With this device, the power losses can be saved on the biasing resistor
with typical value of 5-8 mW.
The TL431 is a cost-effective solution for the constant voltage. The weakness of this device,
in this special application, is its operation current higher than 1 mA. In order to get good
voltage regulation performance at full load condition, a biasing resistor is very important, but
this leads to an additional power loss.
If the requirement of the output voltage performance is not so tight, a Zener can be used as
voltage reference. The standby power in no-load condition is lower than 0.1 W with the 3
optional solutions of voltage reference above. The best solution depends on customers'
requests.
5.
The short-circuit of resistors for current limitation on the auxiliary windings.
3.3
Performance results
3.3.1
Input power consumption at no-load condition
As shown in Table 1, the standby power is measured at DC voltage input in order to have
more precision in the input power data. At the high line input of 380 Vdc input, this board
standby power is around 82 mW (with theTL431).
Table 2. Standby power
Input power consumption
VIN
IIN
PIN
100 Vdc
505
μA
50.5 mW
300 Vdc
252
μA
75.6 mW
380 Vdc
215
μA/203 μA
81.7 mW/77.2 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com