Electronic Components Datasheet Search
  English  ▼

X  

AN2063 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2063
Description  The new regulation on the power supply standby consumption for the battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2063 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2063 Datasheet HTML 1Page - STMicroelectronics AN2063 Datasheet HTML 2Page - STMicroelectronics AN2063 Datasheet HTML 3Page - STMicroelectronics AN2063 Datasheet HTML 4Page - STMicroelectronics AN2063 Datasheet HTML 5Page - STMicroelectronics AN2063 Datasheet HTML 6Page - STMicroelectronics AN2063 Datasheet HTML 7Page - STMicroelectronics AN2063 Datasheet HTML 8Page - STMicroelectronics AN2063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
General circuit description
AN2063
4/15
DocID10955 Rev 2
2
General circuit description
This board is a flyback regulator, delivering 0.8 A to 5 V. The AC input is rectified and filtered
by the diodes D1, D2, D3, D4, the bulk capacitor C1, and C2 to generate the high voltage
DC bus applied to the primary winding of the transformer, TR1. C1, L1, and C2 provide EMI
filtering for the circuit. D9 and D10 form the snubber circuit, which reduces the leakage
spike and voltage ringing on the drain pin of the VIPer12A-E.
The output voltage is regulated by a TL431 (U3) via an optocoupler (U2) to the feedback
pin. The output voltage ripple is controlled by the capacitor, C7, with an additional LC PI filter
configuration made up of L2 and C8. The output voltages can be modified by changing the
transformer turn ratio and modifying the R6 and R7 resistance values in the feedback loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com