Electronic Components Datasheet Search
  English  ▼

X  

AN2063 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2063
Description  The new regulation on the power supply standby consumption for the battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2063 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2063 Datasheet HTML 7Page - STMicroelectronics AN2063 Datasheet HTML 8Page - STMicroelectronics AN2063 Datasheet HTML 9Page - STMicroelectronics AN2063 Datasheet HTML 10Page - STMicroelectronics AN2063 Datasheet HTML 11Page - STMicroelectronics AN2063 Datasheet HTML 12Page - STMicroelectronics AN2063 Datasheet HTML 13Page - STMicroelectronics AN2063 Datasheet HTML 14Page - STMicroelectronics AN2063 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Bill of material
AN2063
12/15
DocID10955 Rev 2
5
Bill of material
Table 4. Bill of material
Symbol
Part list description
Note
C1,C2
Elect Cap 4.7 µF/400 V
C4
47 nF/25 V
C5
Elect cap 33 µF/25 V
C6
Elect cap 10 µF/6.3 V
C7
Elect cap 470 µF/16 V
C8
Elect cap 220 µF/10 V
C10
Film 100 nF/50 V
C11
Y cap 1 nF/1 KV
R0
10
Ω
Fuse
R1,R2
0
Ω
R3
220
Ω
R4
1.5 K
Ω
TL431:1.5 K/TS431: remove
R6
43 K
Ω
R7
43 K
Ω/130 KΩ
TL431:43 K/TS431: 130 K
D1,D2,D3,D4
1N4007
D6,D7
1N4148
D8
1N5822
D9
STTH1L06
D10
P6KE180
L1
680 µH
L2
4.7 µH
T1
2.7 mH EE-16 vertical
U1
VIPer12A-E
U2
PC817
U3
TL431/TS431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com